| データシートサーチシステム |
|
ERA2APC データシート(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ERA2APC データシート(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 3 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Metal Film (Thin Film) Chip Resistors, High Reliability Type a b t W L Construction Dimensions in mm (not to scale) Ratings (1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Rated Power × Resistance Values, or Limiting Element Voltage listed above, whichever less. (2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5 × RCWV or max. Overload Voltage listed above whichever less. (3) E192 series resistance values are also available. Please contact us for details. (4) Duplicated resistance values between E96, E192 and E24 series shall follow E24 Part Numbers. (apply three digit resistance value) Part No. (inch size) Power Rating at 85 °C (W) Limiting Element Voltage (1) (V) Maximum Overload Voltage (2) (V) Part No. (detail) Resistance Tolerance (%) T.C.R. ( ×10–6/°C) Resistance Range (3)(4) ( Ω) Category Temperature Range (°C) ERA1A (0201) 0.05 25 50 ERA1AEB ±0.1 ±25 100 to 10k (E24, E96) –55 to +155 ERA1AEC ±0.25 ERA1ARC ±0.25 ±10 100 to 10k (E24, E96) ERA1ARB ±0.1 ERA1ARW ±0.05 1k to 10k (E24, E96) ERA2A (0402) 0.063 50 100 ERA2AKD ±0.5 ±100 10 to 46.4 (E24, E96) ERA2AED ±0.5 ±25 47 to 100k (E24, E96) ERA2AEC ±0.25 ERA2AEB ±0.1 ERA2APC ±0.25 ±15 200 to 47k (E24, E96) ERA2APB ±0.1 ERA2ARC ±0.25 ±10 200 to 47k (E24, E96) ERA2ARB ±0.1 ERA3A (0603) 0.1 75 150 ERA3AHD ±0.5 ±50 10 to 46.4 (E24, E96) ERA3AED ±0.5 ±25 47 to 330k (E24, E96) ERA3AEC ±0.25 ERA3AEB ±0.1 ERA3APC ±0.25 ±15 470 to 100k (E24, E96) ERA3APB ±0.1 ERA3ARC ±0.25 ±10 1k to 100k (E24, E96) ERA3ARB ±0.1 ERA3ARW ±0.05 ERA6A (0805) 0.125 100 200 ERA6AHD ±0.5 ±50 10 to 46.4 (E24, E96) ERA6AED ±0.5 ±25 47 to 1M (E24, E96) ERA6AEC ±0.25 ERA6AEB ±0.1 ERA6APC ±0.25 ±15 470 to 100k (E24, E96) ERA6APB ±0.1 ERA6ARC ±0.25 ±10 1k to 100k (E24, E96) ERA6ARB ±0.1 ERA6ARW ±0.05 ERA8A (1206) 0.25 150 300 ERA8AHD ±0.5 ±50 10 to 46.4 (E24, E96) ERA8AED ±0.5 ±25 47 to 1M (E24, E96) ERA8AEC ±0.25 ERA8AEB ±0.1 ERA8APC ±0.25 ±15 470 to 100k (E24, E96) ERA8APB ±0.1 ERA8ARC ±0.25 ±10 1k to 100k (E24, E96) ERA8ARB ±0.1 ERA8ARW ±0.05 Protective coating Alumina substrate Electrode (Inner) Electrode (Between) High reliability metal film Electrode (Outer) Part No. (inch size) Dimensions (mm) Mass (Weight) [g/1000 pcs.] LWa b t ERA1A (0201) 0.60±0.03 0.30±0.03 0.15±0.05 0.15±0.05 0.23±0.03 0.14 ERA2A (0402) 1.00±0.10 0.50+0.10 0.15±0.10 0.25±0.10 0.35±0.05 0.6 ERA3A (0603) 1.60±0.20 0.80±0.20 0.30±0.20 0.30±0.20 0.45±0.10 2 ERA6A (0805) 2.00±0.20 1.25±0.10 0.40±0.25 0.40±0.25 0.50±0.10 4 ERA8A (1206) 3.20±0.20 1.60+0.05 0.50±0.25 0.50±0.25 0.60±0.10 8 –0.05 –0.15 Feb. 2016 10 |