| データシートサーチシステム |
|
DFR0669 データシート(PDF) 20 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0669 データシート(HTML) 20 Page - DFROBOT |
|
20 / 26 page ![]() */ DFRobot_Touch_GT911 touch; /** @brief Constructor When the screen uses hardware SPI communication, the dri @param dc Command/data line pin for SPI communication @param cs Chip select pin for SPI communication @param rst Reset pin of the screen */ DFRobot_ILI9488_320x480_HW_SPI screen(/*dc=*/TFT_DC,/*cs=*/TFT_CS,/*rst=*/TFT_ /* M0 mainboard DMA transfer */ //DFRobot_ILI9488_320x480_DMA_SPI screen(/*dc=*/TFT_DC,/*cs=*/TFT_CS,/*rst=*/T /** @brief Constructor @param gdl Screen object @param touch Touch object */ DFRobot_UI ui(&screen, &touch); uint8_t fontSize = 2; //Font size uint16_t fontColor = 0xf800; //Font color uint8_t fontLen = 4 * fontSize * 8; //String width char * font = "DFRC"; // String uint8_t fontHeight = fontSize * 8;//String height uint16_t posx = screen.width() / 2 ; //The x-coordinate of the starting posit uint16_t posy = screen.height() / 2;//the y-coordinate of the beginning of t void setup() { Serial.begin(9600); //UI initialization ui.begin(); //Draw the initial string ui.drawString(posx - fontLen / 2-8, posy - fontHeight / 2, font, fontColor , } 7/7/24, 7:12 PM 3.5”480x320 TFT LCD Capacitive Touchscreen Breakout Wiki - DFRobot https://wiki.dfrobot.com/3.5inches_480_320_TFT_LCD_Capacitive_Touchscreen_SKU_DFR0669 20/26 |