| データシートサーチシステム |
|
RHF1201 データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHF1201 データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 18 page ![]() RHF1201 Definitions of specified parameters 15/18 Effective resolution bandwidth For a given sampling rate and clock jitter, the analog input frequency at which the SINAD is reduced of 3 dB. Pipeline delay Delay between the initial sample of the analog input and the availability of the corresponding digital data output on the output bus. Also called data latency. It is expressed as a number of clock cycles. |