データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

521 データシート(PDF) 1 Page - Dialight Corporation

部品番号 521
部品情報  Infrared LEDs and Phototransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALIGHT [Dialight Corporation]
ホームページ  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521 データシート(HTML) 1 Page - Dialight Corporation

  521 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.dialightsignalsandcomponents.com
OE is Our Expertise.
521 SERIES
Infrared LEDs and Phototransistors
Dialight’s 521 Series IR LEDs and phototransistors are engineered for high-performance optical sensing, signaling,
and non-contact detection. Our IR LEDs emit infrared light in the 850–940 nm wavelength range and are available in
both surface-mount (SMD) and through-hole configurations. Optimized for use with matching phototransistors, these
components deliver reliable performance in compact and demanding applications.
Part Number
Description
521-5004F
1.9mm LED with Gull Wing Leads, IR 850nm, Water Clear Lens, 7” Reel
521-5005F
1.9mm LED with Gull Wing Leads, IR 940nm, Water Clear Lens, 7” Reel
521-5001F
5.00mm Discrete Thru Hole LED - Infrared (IR) 950nm, Blue Transparent Lens
521-5002F
5.00mm Discrete Thru Hole LED - Infrared (IR) 940nm, Blue Transparent Lens
521-5500F
5.00mm Discrete Thru Hole LED - Phototransistor 950nm, Water Clear Lens
BENEFITS
• Enables reliable non-contact
sensing and remote signaling
• Consistent performance in
demanding environments
• Simplifies integration into compact
circuit board layouts
• Low power consumption for
energy-efficient designs
• Ideal for high-reliability
applications in industrial and
consumer markets
APPLICATIONS
• Remote controls and
IR data transmission
• Industrial automation and
safety sensors
• Proximity and object
detection sensors
• Optical encoders and
positioning systems
• Consumer electronics and
smart appliances
• Medical instrumentation and
lab diagnostics
• Security systems and
motion detectors
FEATURES
• Infrared emission wavelengths:
850 nm and 940 nm
• Available in SMD (1.9mm gull
wing) and 5mm through-hole
(THT) versions
• High radiant intensity with
water-clear lenses
• Phototransistors matched for
wavelength sensitivity
• RoHS compliant and lead-free
• 3D CAD models and C-drawings
available for design support


同様の部品番号 - 521

メーカー部品番号データシート部品情報
logo
Littelfuse
521 LITTELFUSE-521 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
logo
Intel Corporation
521 INTEL-521 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
logo
List of Unclassifed Man...
521 ETC2-521 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
521 APITECH-521 Datasheet
58Kb / 1P
COAXIAL RESONATOR OSCILLATOR
521 APITECH-521 Datasheet
58Kb / 1P
COAXIAL RESONATOR OSCILLATOR
More results

同様の説明 - 521

メーカー部品番号データシート部品情報
logo
Sanken electric
SID1010CXM SANKEN-SID1010CXM Datasheet
41Kb / 2P
Infrared LEDs
logo
KODENSHI_AUK CORP.
ST1KL3B KODENSHI-ST1KL3B Datasheet
102Kb / 2P
PHOTOTRANSISTORS
ST1CL3H KODENSHI-ST1CL3H Datasheet
142Kb / 2P
PHOTOTRANSISTORS
ST313R4 KODENSHI-ST313R4 Datasheet
79Kb / 2P
PHOTOTRANSISTORS
ST1KL3A KODENSHI-ST1KL3A Datasheet
99Kb / 2P
PHOTOTRANSISTORS
ST1KLB KODENSHI-ST1KLB Datasheet
101Kb / 2P
PHOTOTRANSISTORS
logo
OPTEK Technologies
OP505D OPTEK-OP505D Datasheet
91Kb / 2P
Infrared Selected NPN Silicon Phototransistors
logo
KODENSHI_AUK CORP.
ST-1MLBR2 KODENSHI-ST-1MLBR2 Datasheet
283Kb / 2P
PHOTOTRANSISTORS
logo
List of Unclassifed Man...
ST-302 ETC1-ST-302 Datasheet
135Kb / 2P
PHOTOTRANSISTORS
logo
KODENSHI_AUK CORP.
ST-1KLB KODENSHI-ST-1KLB Datasheet
83Kb / 2P
PHOTOTRANSISTORS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com