データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

101VTN データシート(PDF) 1 Page - Multicomp Pro

部品番号 101VTN
部品情報  General Purpose Transparent Storage Box 1 Compartment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

101VTN データシート(HTML) 1 Page - Multicomp Pro

  101VTN Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Purpose Transparent
Storage Box 1 Compartment
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where
the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Page <1>
27/07/22
V1.1
Description
Part Number
General Purpose Transparent Storage Box, 1 Compartment
101VTN
Part Number Table
Overview
Handy, strong injection-moulded polypropylene container for use on display and featuring excellent transparency.
Specifications
External Dimensions - Metric (W × D × H)
: 165mm × 112mm × 31mm
External Dimensions - Imperial (W × D × H)
: 6.50″ × 4.41″ × 1.22″
Box Type
: General Purpose Storage
Box Material
: Polypropylene
Box Colour
: Transparent
Dimensions:
* = mm.
() = inch.


同様の部品番号 - 101VTN

メーカー部品番号データシート部品情報
logo
Hammond Manufacturing L...
101V HAMMOND-101V Datasheet
127Kb / 2P
Miniature Audio Potted 101 Series
2/7/2021
logo
Elma Electronic Ltd
101V301P01-9001 ELMA-101V301P01-9001 Datasheet
991Kb / 3P
VPX Power and Ground
101V301P02-9001R ELMA-101V301P02-9001R Datasheet
991Kb / 3P
VPX Power and Ground
101V301P02-9002 ELMA-101V301P02-9002 Datasheet
991Kb / 3P
VPX Power and Ground
101V301P02-9X01R ELMA-101V301P02-9X01R Datasheet
587Kb / 3P
VPX Power & Ground Only
More results

同様の説明 - 101VTN

メーカー部品番号データシート部品情報
logo
DIOTEC Electronics Corp...
1N4001 DEC-1N4001 Datasheet
323Kb / 2P
1 AMP GENERAL PURPOSE SILICON DIODES
logo
InterFET Corporation
1-6H005 INTERFET-1-6H005 Datasheet
746Kb / 4P
The 1-6HOOS general purpose
logo
Ralston Instruments.
NPAK-0080 RALSTON-NPAK-0080 Datasheet
206Kb / 1P
NPAK gauge compartment with foam liner
logo
Level One
FNS-1020 LVL1-FNS-1020 Datasheet
180Kb / 2P
1-Bay Simple Network Storage
logo
Ralston Instruments.
NPAK-2FBA-6-3 RALSTON-NPAK-2FBA-6-3_16 Datasheet
427Kb / 1P
Includes storage compartment in control panel for pressure reference test gauge
logo
PHOENIX CONTACT
2701430 PHOENIX-2701430 Datasheet
57Kb / 2P
Control box - FL RUGGED BOX OMNI-1
logo
FutureWafer Tech Co.,Lt...
1N4004HW FUTUREWAFER-1N4004HW Datasheet
912Kb / 5P
1 A General Purpose Rectifier Diode
logo
SparkFun Electronics
TOL-11527 SPARKFUN-TOL-11527 Datasheet
220Kb / 1P
Modular Plastic Storage Box - Small (10 pack)
8/3/2016
TOL-11528 SPARKFUN-TOL-11528 Datasheet
212Kb / 1P
Modular Plastic Storage Box - Medium (4 pack)
8/3/2016
logo
RFE international
MEB RFE-MEB Datasheet
1Mb / 7P
Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com