データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE821 データシート(PDF) 19 Page - STMicroelectronics

部品番号 STMPE821
部品情報  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 データシート(HTML) 19 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 15Page - STMicroelectronics STMPE821 Datasheet HTML 16Page - STMicroelectronics STMPE821 Datasheet HTML 17Page - STMicroelectronics STMPE821 Datasheet HTML 18Page - STMicroelectronics STMPE821 Datasheet HTML 19Page - STMicroelectronics STMPE821 Datasheet HTML 20Page - STMicroelectronics STMPE821 Datasheet HTML 21Page - STMicroelectronics STMPE821 Datasheet HTML 22Page - STMicroelectronics STMPE821 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
STMPE821
Interrupt controller module
19/55
INT_CTRL
Interrupt control register
Address:
0x08
Type:
R/W
Reset:
0x00
Description:
This register is used to enable control the polarity, edge/level and enabling of the
interrupt system.device
765
432
10
POLARITY
TYPE
INT_EN
[7:3] RESERVED
[2] POLARITY:
'0' for active low
'1' for active high
[1] TYPE:
'0' for level trigger
'1' for edge trigger (pulse width is 200 uS)
[0] INT_EN:
'0' to disable all interrupt
'1' to enable all interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55