データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STOTG04E データシート(PDF) 24 Page - STMicroelectronics

部品番号 STOTG04E
部品情報  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04E データシート(HTML) 24 Page - STMicroelectronics

Back Button STOTG04E Datasheet HTML 18Page - STMicroelectronics STOTG04E Datasheet HTML 19Page - STMicroelectronics STOTG04E Datasheet HTML 20Page - STMicroelectronics STOTG04E Datasheet HTML 21Page - STMicroelectronics STOTG04E Datasheet HTML 22Page - STMicroelectronics STOTG04E Datasheet HTML 23Page - STMicroelectronics STOTG04E Datasheet HTML 24Page - STMicroelectronics STOTG04E Datasheet HTML 25Page - STMicroelectronics STOTG04E Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Package mechanical data
STOTG04E
24/26
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
4.35
0.171
Bo
4.35
0.171
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & Reel QFNxx/DFNxx (4x4) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26