データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10R272LT1 データシート(PDF) 11 Page - STMicroelectronics

部品番号 ST10R272LT1
部品情報  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT1 データシート(HTML) 11 Page - STMicroelectronics

Back Button ST10R272LT1 Datasheet HTML 7Page - STMicroelectronics ST10R272LT1 Datasheet HTML 8Page - STMicroelectronics ST10R272LT1 Datasheet HTML 9Page - STMicroelectronics ST10R272LT1 Datasheet HTML 10Page - STMicroelectronics ST10R272LT1 Datasheet HTML 11Page - STMicroelectronics ST10R272LT1 Datasheet HTML 12Page - STMicroelectronics ST10R272LT1 Datasheet HTML 13Page - STMicroelectronics ST10R272LT1 Datasheet HTML 14Page - STMicroelectronics ST10R272LT1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
11/77
ST10R272L - FUNCTIONAL DESCRIPTION
2
FUNCTIONAL DESCRIPTION
ST10R272L architecture combines the advantages of both RISC and CISC processors with
an advanced peripheral subsystem. The following block diagram overviews the different on-
chip components and the internal bus structure.
Figure 2 Block diagram
ST10 CORE
1KByte
DPRAM
Interrupt Controller
Port 4
Port 1
8-bit
2x8-bit
Port 0
2x8-bit
Port 2
4-bit
Port 6
8-bit
I/O
CS(4:0)
I/O
HOLD
HLDA
BREQ
A(15:0)
I/O, D(7:0)
D(15:8), D(7:0)
A(15:8), AD(7:0)
AD(15:8), AD(7:0)
I/O
Port 3
15-bit
I/O
EXIN(3:0)
XTAL1
dedicated
pins
ASC
GPT1/2
& PEC
I/O
CLKOUT,
BHE/WRH, RxD0,
TxD0, T2IN, T3IN,
T4IN,
T3EUD,
T3OUT,
CAPIN,
T6OUT
I
T2EUD,
T4EUD, T5IN,
T6IN, T5EUD,
T6EUD
EA, ALE, RD,
WR/WRL,
READY, NMI,
RSTIN,
RSTOUT
WDT
XSSP
4-bit
I/O
A(23:16),
SSPCLK,
SSPDAT,
SSPCE(1:0)
Port 5
6-bit
OSC
PLL
XTAL2
Port 7
4-bit
PWM
I/O
POUT3
MAC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77