| データシートサーチシステム |
|
DLP-232PC データシート(PDF) 5 Page - THAT Corporation All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DLP-232PC データシート(HTML) 5 Page - THAT Corporation All rights reserved. |
|
5 / 14 page ![]() THAT 5171-DEMO Datasheet Page 5 of 14 Document 600189 Rev 01 THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com Copyright © 2018, THAT Corporation; All rights reserved. Download the latest Demo Board GUI software from the THAT Corporation web site. There is no “installation” process and the .exe file can be placed anywhere convenient on your computer, typically, directly on the desktop. Connect the demo board to your PC using the supplied USB cable and power up the board (don’t forget to include the +5V digital power supply in addition to the V+ and V- supplies). Double click the MicPre.exe icon and the Digitally Controlled Mic Preamp Demo Board Selector will appear. Select the THAT5171 from the drop-down menu The 5171 GUI should appear: That’s it. Test for connectivity by toggling one of the GPO check boxes and see if the appropriate LED lights up on the board. If the GUI fails to recognize the demo board (most likely caused by a missing USB connection) you will see the following error message: If this message appears, you can click OK and the GUI will open, but there will be no connection to the demo board. Once the source of the problem has been resolved (i.e. Turn on the power or connect the missing USB cable), use the Port=>Reconnect pull down to establish communications. The Port=>Reconnect pull down can be used any- time to reestablish the USB link between the GUI and demo board. Software Set-up and Operation |