データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC157ADB112 データシート(PDF) 3 Page - THAT Corporation All rights reserved.

部品番号 74LVC157ADB112
部品情報  THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THAT [THAT Corporation All rights reserved.]
ホームページ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

74LVC157ADB112 データシート(HTML) 3 Page - THAT Corporation All rights reserved.

  74LVC157ADB112 Datasheet HTML 1Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 2Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 3Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 4Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 5Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 6Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 7Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 8Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
THAT 626x DEMO Datasheet
Page 3 of 20
Document 600194 Rev 00
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved
At a grounded workstation, carefully remove
all the boards from their anti-static bags and
inspect them for damage. Save the bags for future
storage.
• Once satisfied with the kit contents, check
that the Voltage Select Module is plugged into the
appropriate socket for the power supply configu-
ration (bipolar ± 5 V, or unipolar +10 V) that you
will be using for your application. The demonstra-
tion system comes shipped with the module in the
bipolar position. Please use care when removing
or installing any of the modules.
They are
designed for a relatively tight fit. Gently rock the
edges a bit if necessary and then pull or push
while maintaining good alignment with the
headers.
• Install the appropriate IC module (THAT
6261, THAT 6263, or THAT 6266) using the same
caution noted above.
• Download the GUI (Graphical User Interface)
software from the THAT Corporation website. The
Software download is located on the “Demonstra-
tion Boards” page, or simply follow the link below:
http://www.thatcorp.com/Demonstration_Boards.shtml
• Connect the demo board to your computer
via the supplied USB cable.
• Apply power to the demo board (±5 V for
bipolar operation, +10 V for unipolar operation)
and start the GUI.
• Verify that the “SPI Mode” switches (SW2)
are both in the OFF position (towards the bottom
edge of the motherboard) and you are ready to go.
Important note concerning static discharge
damage: the modules should be stored in their
original anti-static bags when not in use on the
Mother Board.
Damage from static discharge
during storage and handling is easily preventable
by utilizing the supplied anti-static bags.
Unpacking and quick set-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com