データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC-140-D データシート(PDF) 2 Page - Labfacility Ltd

部品番号 FC-140-D
部品情報  Stainless Steel Compression Glands
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LABFACILITY [Labfacility Ltd]
ホームページ  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FC-140-D データシート(HTML) 2 Page - Labfacility Ltd

  FC-140-D Datasheet HTML 1Page - Labfacility Ltd FC-140-D Datasheet HTML 2Page - Labfacility Ltd FC-140-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Stainless Steel Compression Glands
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
elements in the continued growth
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
accreditation.
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
137/0618 Stainless Steel Compression Glands
BSPT Tapered:
Type
Thread Size
Thread Type
Suits Probe Ø
Manufacturers
order code
Code
St/Steel 1/8”
BSPT Tapered
1.0mm
FC-130-D
XF-1339-FAR
St/Steel 1/8”
BSPT Tapered
1.5mm
FC-131-D
254630
St/Steel 1/8”
BSPT Tapered
3.0mm
FC-133-D
254642
St/Steel 1/8”
BSPT Tapered
6.0mm
FC-136-D
XF-1384-FAR
St/Steel 1/8”
BSPT Tapered
1/8”
FC-134-D
XF-1385-FAR
St/Steel 1/8”
BSPT Tapered
3/16”
FC-135-D
XF-1378-FAR
St/Steel 1/4”
BSPT Tapered
3.0mm
FC-158-D
1633411
St/Steel 1/4”
BSPT Tapered
6.0mm
FC-167-D
XF-1387-FAR
St/Steel 1/4”
BSPT Tapered
1/4"
FC-165-D
XF-1383-FAR
St/Steel 1/4”
BSPT Tapered
1/8”
FC-160-D
XF-1338-FAR
St/Steel 1/4”
BSPT Tapered
3/16”
FC-163-D
XF-1330-FAR
St/Steel 1/2”
BSPT Tapered
3.0mm
FC-209-D
2770784
St/Steel 1/2”
BSPT Tapered
6.0mm
FC-200-D
1633414
St/Steel 1/2”
BSPT Tapered
8.0mm
FC-210-D
XF-1331-FAR
Type
Thread Type
Pitch
Suits Probe Ø
Manufacturers
order Code
Code
St/Steel M8
1mm
1.0mm
FC-250-D
XF-1343-FAR
St/Steel M8
1mm
1.5mm
FC-251-D
XF-1347-FAR
St/Steel M8
1mm
2.0mm
FC-252-D
XF-1344-FAR
St/Steel M8
1mm
3.0mm
FC-174-D
XF-1353-FAR
St/Steel M16
1.5mm
3.0mm
FC-226-D
2770787
St/Steel M16
1.5mm
6.0mm
FC-223-D
XF-1329-FAR
St/Steel M16
1.5mm
8.0mm
FC-225-D
XF-1335-FAR
St/Steel M20
1.5mm
3.0mm
FC-273-D
XF-1348-FAR
St/Steel M20
1.5mm
4.5mm
FC-276-D
XF-1349-FAR
St/Steel M20
1.5mm
6.0mm
FC-278-D
XF-1350-FAR



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com