| データシートサーチシステム |
|
WM8580 データシート(PDF) 41 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8580 データシート(HTML) 41 Page - Wolfson Microelectronics plc |
|
41 / 103 page ![]() Production Data WM8580 w PD Rev 4.5 February 2008 41 The registers described below configure the digital routing options. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R12 PAIF 3 0Ch 8:7 DAC_SRC [1:0] 11 DAC1 Source: 00 = S/PDIF received data. 10 = SAIF Receiver data 11 = PAIF Receiver data Note: When DAC_SRC = 00, DAC2/3 may be turned off, depending on RX2DAC_MODE. R13 PAIF 4 0Dh 8:7 PAIFTX_SRC [1:0] 01 Primary Audio Interface Transmitter Source: 00 = S/PDIF received data. 01 = ADC digital output data. 10 = SAIF Receiver data R14 SAIF 2 0Eh 8:7 SAIFTX_SRC [1:0] 00 Secondary Audio Interface Transmitter Source: 00 = S/PDIF received data. 01 = ADC digital output data. 11 = PAIF Receiver data 1:0 TXSRC [1:0] 00 S/PDIF Transmitter Data Source. 00 = S/PDIF received data(see REAL_THROUGH) 01 = ADC digital output data. 10 = SAIF Receiver data 11 = PAIF Receiver data R30 SPDTXCHAN 0 1Eh 3 REAL_ THROUGH 0 S/PDIF Through Mode Control 0 = SPDIFOP pin sources output of S/PDIF Transmitter 1 = SPDIFOP pins sources output of S/PDIF IN Mux Table 32 Interface Source Select Registers |