| データシートサーチシステム |
|
DVC1000 データシート(PDF) 4 Page - LEM |
|
|
|||||||||||||||||||||||||||||
DVC1000 データシート(HTML) 4 Page - LEM |
|
4 / 13 page ![]() Page 4/13 17January2023/Version 3 LEM reserves the right to carry out modifications on its transducers, in order to improve them. LEM International SA Route du Nant-d’Avril, 152 1217 Meyrin www.lem.com DVC 1000 UL 508: Rating and assumptions of certification File # E189713 Volume: 2 Section: 16 Standards ● Canadian Standard for industrial Control Equipment CSA C22.2 No. 14-18 ● US Standard for Industrial Control Equipement UL 508 Conditions of acceptability When installed in the end-use equipment, consideration shall be given to the following: 1. Models DVC 1000 are intended to be mounted on a DIN rail or a mounting plate. 2. The terminals have not been evaluated for field wiring. 3. Low voltage control circuit shall be supplied by an isolating source (such as a transformer, optical isolator, limiting impedance or electro-mechanical relay). 4. These devices are intended to be mounted in an ultimate enclosure. 5. The products have been evaluated for a maximum surrounding air temperature of 85 °C. 6. These devices are intended to be installed in a pollution degree 2 max. Marking Only those products bearing the UL or UR Mark should be considered to be Listed or Recognized and covered under UL's Follow-Up Service. Always look for the Mark on the product. |