| データシートサーチシステム |
|
TC115D-F データシート(PDF) 9 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC115D-F データシート(HTML) 9 Page - Panasonic Semiconductor |
|
9 / 24 page ![]() T15 3 ds_62001_0106_en_t15: 010314J 2. Panel-sealed type 1) Solder terminal 2) Screw terminal Remark: Of the standard installation accessories that come with the product, the front hex nut and lock washer are included. 3. Terminal-sealed type 1) Solder terminal Remark: Of the standard installation accessories that come with the product, the front hex nut and lock washer are included. Number of poles Kind of operation < >: Momentary position Solder terminal Product no. 1-pole ON-OFF TP115A-F ON-ON TP115D-F ON-OFF-ON TP115E-F ON-<ON> TP115F-F <ON>-OFF-<ON> TP115G-F ON-OFF-<ON> TP115H-F 2-pole ON-OFF TP215K-F ON-ON TP215N-F ON-OFF-ON TP215P-F ON-<ON> TP215R-F <ON>-OFF-<ON> TP215S-F ON-OFF-<ON> TP215T-F Number of poles Kind of operation < >: Momentary position Screw terminal Product no. 1-pole ON-OFF TP115A-SF ON-ON TP115D-SF ON-OFF-ON TP115E-SF ON-<ON> TP115F-SF <ON>-OFF-<ON> TP115G-SF ON-OFF-<ON> TP115H-SF 2-pole ON-OFF TP215K-SF ON-ON TP215N-SF ON-OFF-ON TP215P-SF ON-<ON> TP215R-SF <ON>-OFF-<ON> TP215S-SF ON-OFF-<ON> TP215T-SF Number of poles Kind of operation < >: Momentary position Solder terminal Product no. 1-pole ON-OFF TD115A-F ON-ON TD115D-F ON-OFF-ON TD115E-F ON-<ON> TD115F-F <ON>-OFF-<ON> TD115G-F ON-OFF-<ON> TD115H-F 2-pole ON-OFF TD215K-F ON-ON TD215N-F ON-OFF-ON TD215P-F ON-<ON> TD215R-F <ON>-OFF-<ON> TD215S-F ON-OFF-<ON> TD215T-F |