データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TR115D-F データシート(PDF) 2 Page - Panasonic Semiconductor

部品番号 TR115D-F
部品情報  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TR115D-F データシート(HTML) 2 Page - Panasonic Semiconductor

  TR115D-F Datasheet HTML 1Page - Panasonic Semiconductor TR115D-F Datasheet HTML 2Page - Panasonic Semiconductor TR115D-F Datasheet HTML 3Page - Panasonic Semiconductor TR115D-F Datasheet HTML 4Page - Panasonic Semiconductor TR115D-F Datasheet HTML 5Page - Panasonic Semiconductor TR115D-F Datasheet HTML 6Page - Panasonic Semiconductor TR115D-F Datasheet HTML 7Page - Panasonic Semiconductor TR115D-F Datasheet HTML 8Page - Panasonic Semiconductor TR115D-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
T06/T03
2
ds_62001_0106_en_t3_t6: 010314J
SPECIFICATIONS
1. Contact rating
2. Characteristics
ELECTRICAL CIRCUIT DIAGRAM (for T-06 and T-03 series)
Kind of load
T-06 series
T-03 series
Resistive load
6A 125V AC,6A 30V DC, 3A 250V AC
3A 125V AC, 2A 250V AC
Inductive load
6 A 125 V AC (power factor: 0.6),
3 A 250 V AC (power factor: 0.6)
3 A 125 V AC (power factor: 0.6),
2 A 250 V AC (power factor: 0.6)
Motor load (single phase)
100W 125V AC, 100W 250V AC
—
Mechanical expected life
Min. 5
104
Electrical expected life
T-06 series: Min. 3
104 (10 cpm) at rated load, T-03 series: Min. 104 (10 cpm) at rated load
Overload life
Min. 50 (5 cpm) (rated load
1.5)
Insulation resistance
Min. 100 M
 (at 500 V DC measured by insulation resistive meter)
Dielectric strength
1500 Vrms (at detection current: 10mA)
Vibration resistance
10 to 55 Hz at double amplitude of 1.5 mm (contact opening: Max. 1 ms)
Contact resistance
Initial, max. 20 m
 (by voltage drop at 1 A, 2 to 4 V DC)
Actuator strength (static load)
112.7N for 1 min.
Terminal strength (static load)
24.5N for 1 min.
Ambient temperature
–25
C to +70C
Contact material
AgZnO alloy
1-pole
2-pole
Terminal arrangement
(as seen from terminal side)
Actuator position
and contact
terminal number
ON-OFF
2-3
2-3, 5-6
——
—
——
ON-ON
2-3
2-3, 5-6
——
—
1-2
1-2, 4-5
Remark
ON-OFF type does not have a terminal no. 1.
ON-OFF type does not have terminal no. 1 and 4.
Keyway
Keyway
Keyway
Keyway
Keyway
Keyway



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com