データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TR115D-ARF データシート(PDF) 3 Page - Panasonic Semiconductor

部品番号 TR115D-ARF
部品情報  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TR115D-ARF データシート(HTML) 3 Page - Panasonic Semiconductor

  TR115D-ARF Datasheet HTML 1Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 2Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 3Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 4Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 5Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 6Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 7Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 8Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
T15
2. Panel-sealed type
1) Solder terminal
2) Screw terminal
Remarks: 1. Of the standard installation accessories that come with the product, the front hex nut and lock washer are included.
2. For UL/C-UL certified products, please add “UL” before “F” at the end of part number when ordering.
3. Terminal-sealed type
1) Solder terminal
Remarks: 1. Of the standard installation accessories that come with the product, the front hex nut and lock washer are included.
2. For UL/C-UL certified products, please add “UL” before “F” at the end of part number when ordering.
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
Product No.
1-pole
ON-OFF
TP115A-F
ON-ON
TP115D-F
ON-OFF-ON
TP115E-F
ON-<ON>
TP115F-F
<ON>-OFF-<ON>
TP115G-F
ON-OFF-<ON>
TP115H-F
2-pole
ON-OFF
TP215K-F
ON-ON
TP215N-F
ON-OFF-ON
TP215P-F
ON-<ON>
TP215R-F
<ON>-OFF-<ON>
TP215S-F
ON-OFF-<ON>
TP215T-F
Number of poles
Kind of operation
< >: Momentary position
Screw terminal
Product No.
1-pole
ON-OFF
TP115A-SF
ON-ON
TP115D-SF
ON-OFF-ON
TP115E-SF
ON-<ON>
TP115F-SF
<ON>-OFF-<ON>
TP115G-SF
ON-OFF-<ON>
TP115H-SF
2-pole
ON-OFF
TP215K-SF
ON-ON
TP215N-SF
ON-OFF-ON
TP215P-SF
ON-<ON>
TP215R-SF
<ON>-OFF-<ON>
TP215S-SF
ON-OFF-<ON>
TP215T-SF
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
Product No.
1-pole
ON-OFF
TD115A-F
ON-ON
TD115D-F
ON-OFF-ON
TD115E-F
ON-<ON>
TD115F-F
<ON>-OFF-<ON>
TD115G-F
ON-OFF-<ON>
TD115H-F
2-pole
ON-OFF
TD215K-F
ON-ON
TD215N-F
ON-OFF-ON
TD215P-F
ON-<ON>
TD215R-F
<ON>-OFF-<ON>
TD215S-F
ON-OFF-<ON>
TD215T-F
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com