| データシートサーチシステム |
|
OL45MMBXAX データシート(PDF) 1 Page - TUK Ltd |
|
|
|||||||||||||||||||||||||||||
OL45MMBXAX データシート(HTML) 1 Page - TUK Ltd |
|
1 / 2 page ![]() FIBERMOD – Eurostyle and 6C Angled LC Multimode Modules OL45mmbxax OL45mmwhax OL645mmbkpt OL645mmwhpt Our stylish angled fibre modules have been designed for use in standard faceplates which connect to industry standard trunking, wall box or floor box installations. Providing optimum fibre bend radius control, these multimode LC to LC duplex modules are suitable for use in FTTD or FFT P environments Features Compatible with most “Euro style” 25x50mm and “6C” 25x38mm faceplate outlets Angled modules avoid issues with bend radius Available in white (for faceplates & trunking) and in black (for floor boxes and decorative faceplates) Multimode fibre female to female couplers LC/LC duplex Specifications Weight: OL645mmbk/whax 8g approx Weight OL45mmbk/whax 9g approx Dimensions: OL645 6C format - 25 x 38 x 34mm OL45 Euro style format – 25 x 50 x 33mm Colour: White or Black Materials: Connector body – PEI Alignment Sleeve – Phosphor Bronze Keystone mount – ABS UL94V Faceplate Adaptor : Euro – polycarbonate 6C – ABS UL94V |
同様の部品番号 - OL45MMBXAX |
|
同様の説明 - OL45MMBXAX |