データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16 データシート(PDF) 10 Page - STMicroelectronics

部品番号 ST16
部品情報  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 データシート(HTML) 10 Page - STMicroelectronics

Back Button ST16 Datasheet HTML 6Page - STMicroelectronics ST16 Datasheet HTML 7Page - STMicroelectronics ST16 Datasheet HTML 8Page - STMicroelectronics ST16 Datasheet HTML 9Page - STMicroelectronics ST16 Datasheet HTML 10Page - STMicroelectronics ST16 Datasheet HTML 11Page - STMicroelectronics ST16 Datasheet HTML 12Page - STMicroelectronics ST16 Datasheet HTML 13Page - STMicroelectronics ST16 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
4/15
ST16-19RFRDCS
FSD_CHIPSET_B/0104VP2
Figure 3 FPGA read access chronogram for last byte
Before sending the last byte the FPGA takes the Rx_fifo_empty line high to indicate to the MCU that this
is the last data.
1.3.5 MCU interface timings
The following board provides interface timings (cf previous chronogram)
Table 1 : Interface timing
Timing
Parameter
Min. (ns)
Max. (ns)
t0
Rx_irq_eof to Mic_Strb_b Transition
0
t1
Mic_Ctrl_Data, Mic_RW (and Mic_Data in writing) Setup Time before
Mic_Strb_b Low Transition
0
t2
Mic_Ctrl_Data, Mic_RW (and Mic_Data in writing) Hold Time before
Mic_Strb_b High Transition
0
t3
Mic_Strb_b Width Low (Activ)
240
t4
Mic_Strb_b Width High (Inactiv)
80
t5
Mic_Strb_b Activ to Valid Data in Reading
240
t6
Mic_Strb_b Inactiv to Tri-States Data in Reading
20
Acquisition of the last byte
t6
t4
t3
Mic_Ctrl_Data
Mic_RW
Mic_Strb_b
Mic_Data(7:0)
Rx_fifo_empty
Rx_irq_eof
Tx_fifo_empty
Tx_start
t1
t2
t0
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21