| データシートサーチシステム |
|
CC2591RGVR データシート(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC2591RGVR データシート(HTML) 10 Page - Texas Instruments |
|
10 / 18 page ![]() RF_P RXTX RF_N RF_P RF_N CC2500 CC2510 CC2511 Connected to VDD/GND/MCU Alternatively from MCU RF_P RXTX RF_N = TLINE inductor CC2591 ANT PAEN EN HGM VDD VDD VDD VDD RF_P RXTX RF_N R151 NC GDO0 GDO2 L112 C113 C111 L111 C112 C161 C11/C12 C101/C102 C131/C132 CC2591 SWRS070A – MARCH 2008 – REVISED JUNE 2008 ........................................................................................................................................................ www.ti.com Connecting CC2591 to the CC2500, CC2510, or CC2511 Device Table 4. Control Logic for Connecting CC2591 to a CC2500/10/11 Devices PAEN EN RXTX HGM MODE OF OPERATION 0 0 NC X Power Down 0 1 NC 0 RX LGM 0 1 NC 1 RX HGM 1 0 NC X TX 1 1 NC X Not allowed Figure 11. CC2591 + CC2500/10/11 Device Application Circuit 10 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): CC2591 |