データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S105XX データシート(PDF) 21 Page - STMicroelectronics

部品番号 STM8S105XX
部品情報  Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I²C
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105XX データシート(HTML) 21 Page - STMicroelectronics

Back Button STM8S105XX Datasheet HTML 17Page - STMicroelectronics STM8S105XX Datasheet HTML 18Page - STMicroelectronics STM8S105XX Datasheet HTML 19Page - STMicroelectronics STM8S105XX Datasheet HTML 20Page - STMicroelectronics STM8S105XX Datasheet HTML 21Page - STMicroelectronics STM8S105XX Datasheet HTML 22Page - STMicroelectronics STM8S105XX Datasheet HTML 23Page - STMicroelectronics STM8S105XX Datasheet HTML 24Page - STMicroelectronics STM8S105XX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
STM8S103xx, STM8S105xx
Pinouts and pin description
21/56
5
Pinouts and pin description
5.1
Package pinouts
Figure 5.
LQFP 48-pin pinout
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
PA6
PC1 (HS)/TIM1_CC1/LINUART_CK
PE5/SPI_NSS
PG1
VSSIO_2
PC5/SPI_SCK
PC4 (HS)/TIM1_CC4
PC3 (HS)/TIM1_CC3
P
C2 (HS)/TIM1_CC2
PG0
PC7/SPI_MISO
PC6/SPI_MOSI
VDDIO_2
VSS
VCAP
VDD
VDDIO_1
TIM2_CC3/PA3
PA4
PA5
NRST
OSCIN/PA1
OSCOUT/PA2
VSSIO_1
(HS) high sink capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56