データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L191 データシート(PDF) 8 Page - Honeywell Solid State Electronics Center

部品番号 L191
部品情報  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L191 データシート(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button L191 Datasheet HTML 4Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 5Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 6Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 7Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 8Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 9Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 10Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 11Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8 sensing.honeywell.com
NT Series
NT (STEP BASE) 3-POSITION ORDER GUIDE
Circuits Made with Toggle At:
Catalog Listing (Standard Lever)
Pull-To-
Unlock Lever
(Add suffix to
Standard
Lever
Listing)***
No. of
poles
Keyway Position
Center Position
Opposite Keyway
Screw
Solder
Quick
Connect
1
1-2
OFF
2-3
L191
1
1NT1-1
11NT1-1
1NT91-1
ALL TYPES
1-2*
OFF
2-3
L192
2
1NT1-5
11NT1-5
1NT91-5
E, F, K, L,
M, N
1-2*
OFF
2-3*
L192
2
1NT1-7
11NT1-7
1NT91-7
E, L, N
NONE**
OFF
2-3
L191
1
1NT1-21 11NT1-21
1NT91-21
E, F, K, M
NONE**
1-2
2-3
L191
1
1NT1-31 11NT1-31
1NT91-31
E, F, K, M
NONE**
1-2
2-3*
L192
2
1NT1-51 11NT1-51
1NT91-51
E
1-2*
OFF
NONE**
L192
2
1NT1-61 11NT1-61
1NT91-61
E
2
1-2, 4-5
OFF
2-3, 5-6
L191
3
2NT1-1
12NT1-1
2NT91-1
ALL TYPES
1-2, 4-5*
OFF
2-3, 5-6
L192
4
2NT1-5
12NT1-5
2NT91-5
E, F, K, L,
M, N
1-2, 4-5*
OFF
2-3, 5-6*
L192
4
2NT1-7
12NT1-7
2NT91-7
E, L, N
NONE*
OFF
2-3, 5-6
L191
3
2NT1-21 12NT1-21
2NT91-21
E, F, K, M
NONE**
1-2, 4-5
2-3, 5-6
L191
3
2NT1-31 12NT1-31
2NT91-31
E, F, K, M
NONE**
1-2, 4-5
2-3, 5-6*
L192
4
2NT1-51 12NT1-51
2NT91-51
E
1-2, 4-5*
OFF
NONE**
L192
4
2NT1-61 12NT1-61
2NT91-61
E
1-2, 4-5
2-3, 4-5
2-3, 5-6
L191
3
2NT1-12 12NT1-12
2NT91-12
ALL TYPES
1-2, 4-5
1-2, 5-6
2-3, 5-6
L191
3
2NT1-10 12NT1-10
2NT91-10
ALL TYPES
1-2, 4-5*
1-2, 5-6
2-3, 5-6
L192
4
2NT1-50 12NT1-50
2NT91-50
E, F, K, L,
M, N
1-2, 4-5*
1-2, 5-6
2-3, 5-6*
L192
4
2NT1-70 12NT1-70
2NT91-70
E, L, N
4
1-2, 4-5, 7-8,
10-11
OFF
2-3, 5-6, 8-9, 11-12
L191
5
4NT1-1
14NT1-1
4NT91-1
ALL TYPES
1-2, 4-5, 7-8,
10-11*
OFF
2-3, 5-6, 8-9, 11-12
L192
6
4NT1-5
14NT1-5
4NT91-5
E, F, K, L,
M, N
1-2, 4-5, 7-8,
10-11*
OFF
2-3, 5-6, 8-9, 11-
12*
L192
6
4NT1-7
14NT1-7
4NT91-7
E, L, N
NONE*
OFF
2-3, 5-6, 8-9, 11-12
L191
5
4NT1-21 14NT1-21
4NT91-21
E, F, K, M
NONE**
1-2, 4-5, 7-8,
10-11
2-3, 5-6, 8-9, 11-12
L191
5
4NT1-31 14NT1-31
4NT91-31
E, F, K, M
NONE**
1-2, 4-5, 7-8,
10-11
2-3, 5-6, 8-9, 11-
12*
L192
6
4NT1-51 14NT1-51
4NT91-51
E
1-2, 4-5, 7-8,
10-11*
OFF
NONE**
L192
6
4NT1-61 14NT1-61
4NT91-61
E
1-2, 4-5, 7-8,
10-11
2-3, 4-5, 7-8,
11-12
2-3, 5-6, 8-9, 11-12
L191
5
4NT1-12 14NT1-12
4NT91-12
ALL TYPES
1-2, 4-5, 7-8,
10-11
2-3, 4-5
2-3, 5-6, 8-9, 11-12
L191
5
4NT1-10 14NT1-10
4NT91-10
ALL TYPES
1-2, 4-5, 7-8,
10-11*
2-3, 4-5, 7-8,
11-12
2-3, 5-6, 8-9, 11-12
L192
6
4NT1-50 14NT1-50
4NT91-50
E, F, K, L,
M, N
1-2, 4-5, 7-8,
10-11*
2-3, 4-5
2-3, 5-6, 8-9, 11-
12*
L192
6
4NT1-70 14NT1-70
4NT91-70
E, L, N
1-2, 4-5, 7-8,
10-11*
2-3, 4-5, 7-8,
11-12
2-3, 5-6, 8-9, 11-
12*
L192
6
4NT1-72
–
–
E, L, N
* These positions are momentary. All others are maintained.
** Toggle lever is blocked from these products. Toggle becomes 2-position, with center being one extreme position
.
*** See page 17 for locking configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17