データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L734/P/NI データシート(PDF) 1 Page - Multicomp Pro

部品番号 L734/P/NI
部品情報  TV Coaxial Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

L734/P/NI データシート(HTML) 1 Page - Multicomp Pro

  L734/P/NI Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TV Coaxial Plugs
Page <1>
05/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
General Description:
L734/P standard coaxial free connector-plug are originally developed for the television
industry, these connectors have been adopted by instrumentation engineers because of the
excellence of design. The mating face details meet BS3041: 1958, IEC169-2 and DIN 45325
specifications
Specifications:
Impedance
: 60 - 75
Ω
Capacitance
:
≤5 pF
Breakdown Voltage (dc)
:
≤4 kV
Insulation Resistance
:
≤103 MΩ
Contact Resistance
: Inner
≤10 mΩ
: Outer
≤5 mΩ
Temperature Range (Ambient)
: -40°C to +70°C
Maximum Cable Size
: Inner 1.2 mm
: Overall 3.2 - 7.9 mm
Materials:
L734/P/AL
: Polished aluminium
L734/P/NI
: Polished nickel
Insulants-internal
: Polypropylene
Centre Contact
: Silver-plated
Connections
: Soldered centre
Dimensions : Millimetres
Specification Table
Type
Diameter
Length
Part Number
Screened Plug
14.3
33.3
L734/P/NI
Dimensions : Millimetres


同様の部品番号 - L734/P/NI

メーカー部品番号データシート部品情報
logo
Legrand North America, ...
L730 LEGRAND-L730 Datasheet
978Kb / 4P
Industrial Spec Grade Turnlok® Locking Devices 3 Wire 15, 20 & 30A; 125 & 250V, 277VAC
logo
Intel Corporation
L7300 INTEL-L7300 Datasheet
1Mb / 87P
Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
Hamamatsu Corporation
L7306 HAMAMATSU-L7306 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
L7307 HAMAMATSU-L7307 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
logo
List of Unclassifed Man...
L730FI ETC2-L730FI Datasheet
156Kb / 3P
Turnlok Locking Devices Flanged Inlets Outlets
More results

同様の説明 - L734/P/NI

メーカー部品番号データシート部品情報
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Switchcraft, Inc.
491 SWITCH-491 Datasheet
28Kb / 1P
LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Amphenol Corporation
031-2367 AMPHENOL-031-2367 Datasheet
706Kb / 1P
TNC Plugs
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
Cable Plugs
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
Plugs & Jacks
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
Hole Plugs
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
Modular Plugs
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com