データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCS.06.M データシート(PDF) 21 Page - Taoglas antenna solutions

部品番号 PCS.06.M
部品情報  Havok
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.06.M データシート(HTML) 21 Page - Taoglas antenna solutions

Back Button PCS.06.M Datasheet HTML 17Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 18Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 19Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 20Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 21Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 22Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 23Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 24Page - Taoglas antenna solutions PCS.06.M Datasheet HTML 25Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
SPE-20-8-122-C
www.taoglas.com
6.2
Antenna Integration
Whatever the size of the PCB, the antenna should ideally be placed on the PCB’s shortest side, to take
advantage of the ground plane. Optimized matching components can be placed as shown.
6.3
PCB Layout
The footprint and clearance on the PCB must meet the antenna specification. An example of the PCB
layout shows the antenna footprint with clearance. Note the placement of the optimized components.
L1 is positioned outside the ground plane and C1 is sitting across the ground plane and the copper
clearance area. C2 is optional as a component but it is recommended to include these pads in case
they are needed.
Topside
Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29