| データシートサーチシステム |
|
CMP0603-FX-1000ELF. データシート(PDF) 6 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CMP0603-FX-1000ELF. データシート(HTML) 6 Page - Bourns Electronic Solutions |
|
6 / 7 page ![]() Packaging Dimensions (Conforms to EIA RS-481A) Model Tape Type Pieces per Reel A B W F CMP0603 Paper 5,000 1.10 ± 0.20 (.043 ± .008) 1.90 ± 0.20 (.075 ± .008) 8.00 ± 0.30 (.315 ± .012) 3.50 ± 0.05 (.138 ± .020) CMP0805 1.65 ± 0.20 (.065 ± .008) 2.40 ± 0.20 (.094 ± .008) CMP1206 2.00 ± 0.20 (.079 ± .008) 3.60 ± 0.20 (.142 ± .008) CMP2010 Plastic 4,000 2.80 ± 0.20 (.110 ± .008) 5.50 ± 0.20 (.216 ± .008) 12.00 ± 0.30 (.472 ± .012) 5.50 ± 0.05 (.217 ± .020) CMP2512 3.50 ± 0.20 (.138 ± .008) 6.70 ± 0.20 (.264 ± .008) DIMENSIONS: MM (INCHES) REV. 05/26/20 2.0 ± 0.5 (.079 ± .020) 178.0 ± 2.0 (7.008 ± .080) 20 (.787) MIN. 13.0 ± 0.5 (.512 ± .020) 60.0 ± 0.5 (2.36 ± .020) 16.7 (.657) MAX. CMP2010, CMP2512: 14.9 (.587) MAX. CMP0603, CMP0805, CMP1206: 10.0 ± 1.5 (.394 ± .059) CMP0603, CMP0805, CMP1206: 13.8 ± 1.5 (.543 ± .059) CMP2010, CMP2512: 1.75 ± 0.10 (.069 ± .004) A 4.00 ± 0.10 (.157 ± .004) 4.00 ± 0.10 (.157 ± .004) 1.50 +0.10/-0 (.059 +.004/-0) DIA. 2.00 ± 0.05 (.079 ± .002) B W F Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. CMP Series High Power Anti-Surge Chip Resistors |