| データシートサーチシステム |
|
CMP0603-FX-1003ELF. データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CMP0603-FX-1003ELF. データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 7 page ![]() Rated Voltage The rated voltage is calculated by the following formula: V= P X R V: Rated Voltage (V) P: Rated Power (W) R: Resistance Value (W) Construction OVERCOAT (BLACK) CONDUCTOR Sn PLATING CERAMIC SUBSTRATE RESISTIVE ELEMENT Ni PLATING Soldering Profile Derating Curve Environmental Characteristics Moisture Sensitivity Level...........................................................1 Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. CMP Series High Power Anti-Surge Chip Resistors 25 75 125 175 225 275 050 100 150 200 250 300 Time (seconds) 60 - 120 seconds 90 - 150 seconds 260 °C peak 190 °C 150 °C 220 °C Ramp Down 6 °C/second 255 °C Maximum of 20 seconds between +255 °C and +260 °C Ramp Up 3 °C/second maximum 10 seconds minimum <1> <1> Ambient Temperature (°C) 70 155 100 -55 |