データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CM252016-R27M データシート(PDF) 6 Page - Bourns Electronic Solutions

部品番号 CM252016-R27M
部品情報  CM45, CM32, CM25, CM20, CM16, CM10 SMT Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM252016-R27M データシート(HTML) 6 Page - Bourns Electronic Solutions

  CM252016-R27M Datasheet HTML 1Page - Bourns Electronic Solutions CM252016-R27M Datasheet HTML 2Page - Bourns Electronic Solutions CM252016-R27M Datasheet HTML 3Page - Bourns Electronic Solutions CM252016-R27M Datasheet HTML 4Page - Bourns Electronic Solutions CM252016-R27M Datasheet HTML 5Page - Bourns Electronic Solutions CM252016-R27M Datasheet HTML 6Page - Bourns Electronic Solutions CM252016-R27M Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Chip Inductors - CM201212 Series Wirewound
Lead Free
0805 Size
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part Number
uH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM201212-10NKL
0.010
±10 %
10
100
3300
0.20
540
CM201212-12NKL
0.012
±10 %
10
100
3300
0.23
535
CM201212-15NKL
0.015
±10 %
12
100
3000
0.25
520
CM201212-18NKL
0.018
±10 %
12
100
3000
0.27
480
CM201212-22NKL
0.022
±10 %
15
100
2600
0.29
465
CM201212-27NKL
0.027
±10 %
15
100
2500
0.32
455
CM201212-33NKL
0.033
±10 %
15
100
2000
0.37
395
CM201212-39NKL
0.039
±10 %
15
100
2000
0.38
390
CM201212-47NKL
0.047
±10 %
15
100
1600
0.42
385
CM201212-56NKL
0.056
±10 %
15
100
1500
0.45
360
CM201212-68NKL
0.068
±10 %
15
100
1400
0.52
340
CM201212-82NKL
0.082
±10 %
15
100
1100
0.60
330
CM201212-R10KL
0.10
±10 %
8
25.2
800
0.78
285
CM201212-R12KL
0.12
±10 %
8
25.2
600
0.99
275
CM201212-R15KL
0.15
±10 %
10
25.2
600
1.47
230
CM201212-R18KL
0.18
±10 %
10
25.2
600
1.61
195
CM201212-R22KL
0.22
±10 %
10
25.2
500
1.84
170
CM201212-R27KL
0.27
±10 %
10
25.2
300
1.95
165
CM201212-R33KL
0.33
±10 %
10
25.2
200
2.16
160
CM201212-R39KL
0.39
±10 %
10
25.2
150
2.35
150
CM201212-R47KL
0.47
±10 %
10
25.2
150
2.57
145
CM201212-R56KL
0.56
±10 %
10
25.2
100
2.65
140
CM201212-R68KL
0.68
±10 %
10
25.2
100
2.99
130
CM201212-R82KL
0.82
±10 %
10
25.2
80
3.35
125
CM201212-1R0KL
1.0
±10 %
8
7.96
80
3.82
120
TIGHTER TOLERANCE AVAILABLE ON REQUEST. CONSULT FACTORY.



Html Pages

1 2 3 4 5 6 7