データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST18952X66S データシート(PDF) 47 Page - STMicroelectronics

部品番号 ST18952X66S
部品情報  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S データシート(HTML) 47 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 43Page - STMicroelectronics ST18952X66S Datasheet HTML 44Page - STMicroelectronics ST18952X66S Datasheet HTML 45Page - STMicroelectronics ST18952X66S Datasheet HTML 46Page - STMicroelectronics ST18952X66S Datasheet HTML 47Page - STMicroelectronics ST18952X66S Datasheet HTML 48Page - STMicroelectronics ST18952X66S Datasheet HTML 49Page - STMicroelectronics ST18952X66S Datasheet HTML 50Page - STMicroelectronics ST18952X66S Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
47/66
ST18952
• Control logic for instruction execution through the PC-board emulator control.
Figure 14.1
Emulation block diagram
The emulation controller interface (see Table 2.8 and Table 2.9 on page 8) include pins of
different types:
• ERQ, IDLE and SNAP are used by the emulator tools.
• HALTACK indicates that the processor is halted in emulation mode.
• AIEBP, AXEBP and AYEBP may be used to set additional conditions for break-
point validation on the respective IA/XA/YA buses.
BP registers
Comparators
XA / YA
XD / YD
IA
Control
Registers
Control
Logic
PC trace
ERQ, IDLE, SNAP
RD/WR
D950
TAP
IA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67