データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

36351 データシート(PDF) 2 Page - Lapp.

部品番号 36351
部品情報  EPIC® LS1 Series Circular Power & Mixed Power Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LAPP [Lapp.]
ホームページ  https://e.lapp.com/us/
Logo LAPP - Lapp.

36351 データシート(HTML) 2 Page - Lapp.

  36351 Datasheet HTML 1Page - Lapp. 36351 Datasheet HTML 2Page - Lapp. 36351 Datasheet HTML 3Page - Lapp. 36351 Datasheet HTML 4Page - Lapp. 36351 Datasheet HTML 5Page - Lapp. 36351 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EPIC® LS1 Series Circular
Power & Mixed Power Connectors
Equipment Description
EPIC® LS1 Connectors are available in five housing
arrangements and two contact configurations.
Common to all arrangements are a rugged nickel
plated zinc body, plastic contact insulation body and
sleeve, and gold plated electrical contacts (included
with the connector part number). Cable mounted
arrangements also include an integral EMC shield
ring and cable clamp and seal. The figure to the
right shows the general construction of these
connectors.
These connectors are offered with a 5+PE contact
configuration for power distribution (5 contacts plus
ground rated at 630 volts and 22 amps), and a
3+PE+4 contact configuration for mixed power and
signal requirements for servo motor with brake and
feedback applications (3 contacts plus ground rated
630 volts and 22 amps and 4 contacts rated 250
volts and 7 amps). Used in combination, they
connect one flexible cable with another (cable
coupler) or one flexible cable to fixed wiring on a
machine (appliance coupler).
Features & Benefits
The new EPIC® LS1 connectors have many inherent
features which offer application advantages and
provide significant benefits. These features make
it one on the most application friendly connectors
available, and insure quick and easy assembly, high
reliability, and long, uninterrupted service life in tough
industrial environments.
Key features include:
• Rugged nickel-plated, die-cast zinc body
• Positive vibration protection for use with motor
drives and moving assemblies
• Integral EMC cable gland provides strain-relief,
IP67/68 protection, and 360° shielding
• Identification
marking field
and optional color
marking clips can
be used to provide
positive identification
and visual differentiation
in multiple connector
installations.
800-774-3539 • www.lappusa.com
Cap Nut
Lamellar
Cable Clamp
& Seal
EMC Shield
Ring
Connector
Body &
Coupling Nut
Marking Ring
Panel Mount
Base with
Vibration
Protection Ring
& Panel Seal
Male Contacts
Insulation
Body
Female
Contacts
Insulation
Sleeve
Technical Specifications
# of Contacts:
5+PE, 3+PE+4
Rated Voltage:
VDE:
630V (2mm contacts)
250V (1mm contacts)
UL:
600V
Rated Current:
22 amps (2mm contacts)
7 amps (1mm contacts)
Impulse Voltage:
6kV (2mm contacts)
4kV (1mm contacts)
Contact Resistance:
<5m Ohms
Mating Cycles:
500
Temperature Range:
-25°C to +125°C
Protection Class:
IP67/68 (10h/1m)
Wire Gauge (Crimp):
2 mm contacts:
0.5 to 2.5 mm2 (20-14 AWG)
1 mm contacts:
0.14 to 1.0 mm2 (24-18 AWG)
Cable Diameter:
7.5 to 15.5 mm
Materials:
Housing: Nickel Plated Zinc (Die Cast)
Insulation Body: PA, PBT, UL94 V-0
Contacts: Gold plated copper alloy
Gaskets & Seals: FPM
Standards:
DIN EN 61984
Approvals:



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com