データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8451 データシート(PDF) 2 Page - Belden Inc.

部品番号 8451
部品情報  8451 Paired - Single-Pair Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BELDEN [Belden Inc.]
ホームページ  https://www.belden.com/
Logo BELDEN - Belden Inc.

8451 データシート(HTML) 2 Page - Belden Inc.

  8451 Datasheet HTML 1Page - Belden Inc. 8451 Datasheet HTML 2Page - Belden Inc. 8451 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8451 Paired - Single-Pair Cable
Outer Jacket Nominal Wall Thickness
.020 in.
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.138 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-20°C To +75°C
Bulk Cable Weight
14.1 lbs/1000 ft.
Max. Recommended Pulling Tension
27 lbs.
Min. Bend Radius (Install)
1.4 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CMR
CEC/C(UL) Specification
CMG
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
FLAME TEST:
UL Flame Test
UL1666 Riser
CSA Flame Test
FT4
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
45 Ohms
Nom. Inductance
.17 µH/ft
Nom. Capacitance Conductor to Conductor @ 1 KHz
34 pF/ft
Nom. Cap. Cond. to Other Cond. & Shield @ 1 KHz
67 pF/ft
Nominal Velocity of Propagation
66 %
Nominal Delay
1.5 ns/ft
Nom. Conductor DC Resistance @ 20 Deg. C
14.5 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20 Deg. C
14.1 Ohms/1000 ft
Max. Operating Voltage - UL
300 V RMS
Max. Recommended Current
2.9 Amps per conductor @ 25°C
NOTES:
Notes
Unique paper separator facilitates jacket stripping.
PUT-UPS AND COLORS:
Page 2 of 3



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com