| データシートサーチシステム |
|
ST485ABDR データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST485ABDR データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 19 page ![]() ST485AB Maximum ratings 5/19 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 5. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage 7 V VI Control input voltage (RE, DE) -0.3 to 7 V VDI Driver input voltage (DI) -0.3 to 7 V VDO Driver output voltage (A, B) -7.5 to 12.5 V VRI Receiver input voltage (A, B) -7.5 to 12.5 V VRO Receiver output voltage (RO) -0.3 to (VCC + 0.3) V |