| データシートサーチシステム |
|
ST20 データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20 データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 21 page ![]() ST20–SWC 19/21 6 ST20 Toolset product components 6.1 Documentation Toolset User Guide INQUEST Debugger Tutorial Toolset Reference Manual Language and Libraries Reference Manual INQUEST User and Reference Manual Delivery Manual AServer Programmers’ Guide 6.2 Software Tools icc , ilink, ilibr – ANSI C compiler, linker and librarian ilist , imap – Binary lister program and memory map lister icconf , icollect – Configuration tools ieprom , imem450 – EPROM and ST20450 memory interface programming tools irun – Application loader inquest – Interactive and post-mortem debugger imon , iprof, iline – Execution analysis tools AServer – Customizable host interface 6.3 Software libraries Full ANSI library plus multi-tasking support Reduced library for embedded systems Run-time start-up support library Debugging support library AServer library 6.4 Operating requirements 6.4.1 Sun-4 Toolset The Sun-4 ST20 Toolset package will run on a Sun-4 SPARC-based workstation, server or compat- ible, running SunOS 4.1.3 or Solaris 2.4 or later. To support the graphical user interface, the environ- ment must include an X Window System server (X11R4 or later) such as an X terminal or SPARCsta- tion running OpenWindows 3. The toolset is designed to operate in conjunction with an IMS B300 Ethernet Gateway acting as interface to the ST20 development hardware, such as a ST20450 Development Board. |