データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20-SWCSUN データシート(PDF) 17 Page - STMicroelectronics

部品番号 ST20-SWCSUN
部品情報  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWCSUN データシート(HTML) 17 Page - STMicroelectronics

Back Button ST20-SWCSUN Datasheet HTML 13Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 14Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 15Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 16Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 17Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 18Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 19Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 20Page - STMicroelectronics ST20-SWCSUN Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
ST20–SWC
17/21
5
Host interface and AServer
The host interface is provided by the AServer. This can be used simply as an application loader and
host file server, invoked by the irun command. The INQUEST tools have their own commands which
in turn load irun in order to load the application. The AServer may also be used to customize the
host interface if required.
5.1
The application loader – irun
irun
performs three functions, namely:
1
to initialize the target hardware;
2
to load a bootable application program onto the target hardware via the hardware serial link;
3
to serve the application, i.e. to respond to requests from the application program for access
to host services, such as host files and terminal input and output.
These steps are normally performed when irun is invoked.
5.2
AServer
The AServer (Asynchronous Server) system is a high performance interface system which allows
multiple processes on a target device to communicate via a hardware serial link with multiple
processes on some external device. The AServer software acts as a standard interface which is
independent of the hardware used. A simple example is shown in Figure 13, in which the external
device is the host.
irun
Services
Target
Host
gateway
gateway
Clients
Link
Target hardware
Figure 13
A simple software host-target interface
The AServer is a collection of programs, interface libraries and protocols that together create a
system to enable applications running on target hardware to access external services in a way that
is consistent, extensible and open. The software elements provided are:
a target gateway which runs on the target;
an irun gateway which runs on the host;
an iserver service which runs on the host;
an iserver converter which runs on the target;
a library of interface routines for use by client and service processes;
simple example services.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21