データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20C2 データシート(PDF) 68 Page - STMicroelectronics

部品番号 ST20C2
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 データシート(HTML) 68 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 64Page - STMicroelectronics ST20C2 Datasheet HTML 65Page - STMicroelectronics ST20C2 Datasheet HTML 66Page - STMicroelectronics ST20C2 Datasheet HTML 67Page - STMicroelectronics ST20C2 Datasheet HTML 68Page - STMicroelectronics ST20C2 Datasheet HTML 69Page - STMicroelectronics ST20C2 Datasheet HTML 70Page - STMicroelectronics ST20C2 Datasheet HTML 71Page - STMicroelectronics ST20C2 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 212 page
background image
devss
®
68/212
devss
device store sixteen
Code: 2F F3
Description: Perform a device write from memory, a memory-mapped device or a
peripheral. Store bits 0..5 of Breg into the sixteen bits addressed by Areg. A memory
access performed by this instruction is guaranteed to be correctly sequenced with
respect to other device-access instructions. Also the instruction is guaranteed to be
executed after all normal memory store instructions that appear before it in the code
sequence, and before all normal memory stores that appear after it.
Definition:
if (PeripheralStart
≤ Areg ≤ PeripheralEnd)
PeripheralSixteen
′[Areg]← Breg
0..15
else
sixteen
′[Areg] ← Breg
0..15
Areg
′← Creg
Breg
′← undefined
Creg
′← undefined
Error signals: none
Comments:
Secondar y instruction.
See also:
devls devsb devsw ss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More