データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20C2 データシート(PDF) 141 Page - STMicroelectronics

部品番号 ST20C2
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 データシート(HTML) 141 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 137Page - STMicroelectronics ST20C2 Datasheet HTML 138Page - STMicroelectronics ST20C2 Datasheet HTML 139Page - STMicroelectronics ST20C2 Datasheet HTML 140Page - STMicroelectronics ST20C2 Datasheet HTML 141Page - STMicroelectronics ST20C2 Datasheet HTML 142Page - STMicroelectronics ST20C2 Datasheet HTML 143Page - STMicroelectronics ST20C2 Datasheet HTML 144Page - STMicroelectronics ST20C2 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 212 page
background image
postnormsn
141/212
®
postnormsn
post-normalize correction of single
length fp number
Code: 26 FC
Description: Perform the post normalised correction on a floating point number,
where initially the normalised fraction is in Areg, Breg and Creg as left by the
instruction
norm, and the exponent is in location pw.Temp in the workspace. This
instruction is only intended to be used in the single length rounding code sequence
immediately after
norm and before roundsn.
Definition:
Areg
′← post-normalised guardword
Breg
′← post-normalised fractionword
Creg
′← post-normalised exponent
Error signals: none
Comments:
Secondary instruction.
This instruction uses location pw.Temp in the workspace.
See also:
roundsn norm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More