データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20C2 データシート(PDF) 149 Page - STMicroelectronics

部品番号 ST20C2
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 データシート(HTML) 149 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 145Page - STMicroelectronics ST20C2 Datasheet HTML 146Page - STMicroelectronics ST20C2 Datasheet HTML 147Page - STMicroelectronics ST20C2 Datasheet HTML 148Page - STMicroelectronics ST20C2 Datasheet HTML 149Page - STMicroelectronics ST20C2 Datasheet HTML 150Page - STMicroelectronics ST20C2 Datasheet HTML 151Page - STMicroelectronics ST20C2 Datasheet HTML 152Page - STMicroelectronics ST20C2 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 212 page
background image
roundsn
149/212
®
roundsn
round single length floating point number
Code: 26 FD
Description: Round an unpacked result of a floating point oper ation into Areg.
Rounding is performed in round-to-nearest mode, as defined b y IEEE-754. Initially the
post-normalised guardword, fractionword and exponent are in Areg, Breg, and Creg,
as left by the instruction
postnormsn. This instruction is only intended to be used in
the single length rounding code sequence immediately after
postnormsn.
Definition:
Areg
′← rounded and packed fp number
Breg
′← undefined
Creg
′← undefined
Error signals:
none
Comments:
Secondary instruction.
See also:
postnormsn unpacksn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More