データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20C2 データシート(PDF) 161 Page - STMicroelectronics

部品番号 ST20C2
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 データシート(HTML) 161 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 157Page - STMicroelectronics ST20C2 Datasheet HTML 158Page - STMicroelectronics ST20C2 Datasheet HTML 159Page - STMicroelectronics ST20C2 Datasheet HTML 160Page - STMicroelectronics ST20C2 Datasheet HTML 161Page - STMicroelectronics ST20C2 Datasheet HTML 162Page - STMicroelectronics ST20C2 Datasheet HTML 163Page - STMicroelectronics ST20C2 Datasheet HTML 164Page - STMicroelectronics ST20C2 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 212 page
background image
shr
161/212
®
shr
shift right
Code: 24 F0
Description: Logical shift right Breg by Areg places, filling with z ero bits. If the initial
Areg is not between 0 and 31 inclusive then the result is zero. The result is only
defined for shift lengths less than the word length.
Definition:
if (0
≤ Areg < BitsPerWord)
Areg
′← Breg >> Areg
else
Areg
′← undefined
Breg
′← Creg
Creg
′← undefined
Error signals: none
Comments:
Secondary instruction.
The behavior for shift lengths the outside stated range is implementation
dependent.
See also:
lshl lshr norm shl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More