データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20C2 データシート(PDF) 166 Page - STMicroelectronics

部品番号 ST20C2
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 データシート(HTML) 166 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 162Page - STMicroelectronics ST20C2 Datasheet HTML 163Page - STMicroelectronics ST20C2 Datasheet HTML 164Page - STMicroelectronics ST20C2 Datasheet HTML 165Page - STMicroelectronics ST20C2 Datasheet HTML 166Page - STMicroelectronics ST20C2 Datasheet HTML 167Page - STMicroelectronics ST20C2 Datasheet HTML 168Page - STMicroelectronics ST20C2 Datasheet HTML 169Page - STMicroelectronics ST20C2 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 212 page
background image
startp
®
166/212
startp
start process
Code: FD
Description: Create and schedule a process at the current priority. Initially Areg is a
pointer to the workspace of the new process and Breg is the offset from the next
instruction to the instruction pointer of the new process.
Definition:
word
′[Areg @ pw.Iptr] ← next instruction + Breg
Put the process Areg onto the back of the scheduling list for the current priority
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: none
Comments:
Secondar y instruction.
See also:
endp runp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More