データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20C2 データシート(PDF) 192 Page - STMicroelectronics

部品番号 ST20C2
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 データシート(HTML) 192 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 188Page - STMicroelectronics ST20C2 Datasheet HTML 189Page - STMicroelectronics ST20C2 Datasheet HTML 190Page - STMicroelectronics ST20C2 Datasheet HTML 191Page - STMicroelectronics ST20C2 Datasheet HTML 192Page - STMicroelectronics ST20C2 Datasheet HTML 193Page - STMicroelectronics ST20C2 Datasheet HTML 194Page - STMicroelectronics ST20C2 Datasheet HTML 195Page - STMicroelectronics ST20C2 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 212 page
background image
tin
®
192/212
tin
timer input
Code: 22 FB
Description: If Areg is after the value of the current priority clock, deschedule until
the current priority clock is after the time in Areg.
Definition:
if not (ClockReg[Priority] after Areg)
{
word
′[Wptr @ pw.State]
← Enabling.p
word
′[Wptr @ pw.Time]
← (Areg + 1)
Insert process into timer list with time of (Areg
+ 1) and start next process
}
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: none
Comments:
Secondar y instruction.
Instruction is a descheduling point.
Instruction is interruptible.
Uses pw.State slot in the process workspace.
See also:
enbt dist ldtimer talt taltwt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More