データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20C4 データシート(PDF) 37 Page - STMicroelectronics

部品番号 ST20C4
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 データシート(HTML) 37 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 33Page - STMicroelectronics ST20C4 Datasheet HTML 34Page - STMicroelectronics ST20C4 Datasheet HTML 35Page - STMicroelectronics ST20C4 Datasheet HTML 36Page - STMicroelectronics ST20C4 Datasheet HTML 37Page - STMicroelectronics ST20C4 Datasheet HTML 38Page - STMicroelectronics ST20C4 Datasheet HTML 39Page - STMicroelectronics ST20C4 Datasheet HTML 40Page - STMicroelectronics ST20C4 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 212 page
background image
altwt
37/212
®
altwt
alt wait
Code: 24 F4
Description: Wait until one of the enabled guards of an alternative has become
ready, and initialize workspace for use during the disabling sequence.
Definition:
if (word[Wptr @ pw.State]
≠ Ready.p)
{
word
′[Wptr @ pw.State]
← Waiting.p
Deschedule process and wait for one of the guards to become ready
}
word
′[Wptr @ pw.Temp]
← NoneSelected.o
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: none
Comments:
Secondary instruction.
Instruction is a descheduling point.
Uses the pw.Temp slot in the process workspace.
See also:
alt altend disc diss dist enbc enbs enbt talt taltwt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More