| データシートサーチシステム |
|
ST24C01 データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST24C01 データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 16 page ![]() BYTE WRITE DEV SEL BYTE ADDR DATA IN WC PAGE WRITE DEV SEL BYTE ADDR DATA IN 1 WC DATA IN 2 AI01161B PAGE WRITE (cont'd) WC (cont'd) DATA IN N ACK ACK NO ACK R/W ACK ACK NO ACK R/W NO ACK NO ACK Figure 9. Write Modes Sequence with Write Control = 1 (ST24/25W01) Sequential Read. This mode can be initiated with either a Current Address Read or a Random Ad- dress Read. However, in this case the master DOES acknowledge the data byte output and the memory continues to output the next byte in se- quence. To terminate the stream of bytes, the master must NOT acknowledge the last byte out- put, but MUST generate a STOP condition. The output data is from consecutive byte addresses, with the internal byte address counter automat- ically incremented after each byte output. After a count of the last memory address, the address counter will ’roll- over’ and the memory will continue to output data. Acknowledge in Read Mode. In all read modes the ST24/25x01 wait for an acknowledge during the 9th bit time. If the master does not pull the SDA line low during this time, the ST24/25x01 terminate the data transfer and switches to a standby state. 11/16 ST24/25C01, ST24C01R, ST24/25W01 |