| データシートサーチシステム |
|
ST24C16M1TR データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST24C16M1TR データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 17 page ![]() DEV SEL * BYTE ADDR DEV SEL DATA OUT 1 AI00794C DATA OUT N CURRENT ADDRESS READ DEV SEL DATA OUT RANDOM ADDRESS READ DEV SEL * DATA OUT SEQUENTIAL CURRENT READ DATA OUT N DEV SEL * BYTE ADDR SEQUENTIAL RANDOM READ DEV SEL * DATA OUT 1 ACK R/W NO ACK ACK R/W ACK ACK R/W ACK ACK ACK NO ACK R/W NO ACK ACK ACK R/W ACK ACK R/W ACK NO ACK Figure 11. Read Modes Sequence Note: * The 7 Most Significant bits of DEV SEL bytes of a Random Read (1st byte and 3rd byte) must be identical. put, but MUST generate a STOP condition. The output data is from consecutive byte addresses, with the internal byte address counter automat- ically incremented after each byte output. After a count of the last memory address, the address counter will ’roll- over’ and the memory will continue to output data. Acknowledge in Read Mode. In all read modes the ST24/25x16 wait for an acknowledge during the 9th bit time. If the master does not pull the SDA line low during this time, the ST24/25x16 terminate the data transfer and switches to a standby state. 13/17 ST24/25C16, ST24/25W16 |