データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HER151 データシート(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

部品番号 HER151
部品情報  1.5 AMPS. HIGH EFFICIENT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YANGJIE [Yangzhou yangjie electronic co., ltd]
ホームページ  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

HER151 データシート(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  HER151 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd HER151 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
TRR
CJ
TJ
TSTG
Voltage Range
50 to 1000 Volts
Current
1.5 Amperes
HER151 THRU HER158
Features
*Low forward voltage drop
*High current capability
*High reliability
*High surge current capability
Mechanical Data
*Cases:Molded plastic DO-15
*Epoxy:UL 94V-O rate flame retardant
*Lead:Axial leads,solderable per MIL-
STD-202,Method 208 guaranteed
*Polarity:Color band denotes cathode end
*High temperature soldering guaranteed:
2500C/10 seconds/.375",(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
*Mounting position:Any
*Weight:0.40 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length @TA = 55oC
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method)
Maximum Instantaneous Forward Voltage
@1.5A
Maximun DC Reverse Current @
TA = 25oC
at Rated DC Blocking Voltage @
TA = 100oC
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating Temperature Range
Storage Temperature Range
UNITS
V
V
V
A
A
V
uA
uA
nS
pF
o
C
o
C
-55 to+125
-55 to+150
HER151
50
35
50
HER152
100
70
100
HER153
200
140
200
HER154
300
210
300
HER156
600
420
600
HER157
800
560
800
HER158
1000
700
1000
1.5 AMPS. HIGH EFFICIENT
RECTIFIERS
NOTES: 1.Reverse Recovery Test Conditions: IF=0.5A,IR=1.0A,IRR=0.25A
2.Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
50
50
HER155
400
280
400
1.5
50
1.3
5.0
100
1.0
1.7
75
30
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.140(3.6)
.104(2.6)
DIA.
Dimensions in inches and (millimeters)
.034(.9)
.028(.7)
DIA.


同様の部品番号 - HER151

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
HER151 WTE-HER151 Datasheet
48Kb / 3P
1.5A HIGH EFFICIENCY RECTIFIER
logo
Jinan Gude Electronic D...
HER151 JGD-HER151 Datasheet
175Kb / 2P
1.5 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER151 BYTES-HER151 Datasheet
154Kb / 2P
1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Lunsure Electr...
HER151 CHENYI-HER151 Datasheet
160Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Dc Components
HER151 DCCOM-HER151 Datasheet
485Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
More results

同様の説明 - HER151

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA Datasheet
53Kb / 2P
1.5 AMPS. High Efficient Surface Mount Rectifiers
HER151 TSC-HER151 Datasheet
267Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151 TSC-HER151_1 Datasheet
69Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151G TSC-HER151G Datasheet
68Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G_1 Datasheet
267Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
logo
Daya Electric Group Co....
HER151 DAYA-HER151 Datasheet
288Kb / 2P
1.5 AMPS. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_10 Datasheet
555Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
HS2AA TSC-HS2AA_11 Datasheet
135Kb / 2P
1.5 AMPS High Efficient Surface Mount Rectifiers
BYG20D TSC-BYG20D Datasheet
439Kb / 4P
1.5 AMPS High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com