| データシートサーチシステム |
|
ST3917BD データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST3917BD データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 16 page ![]() 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 C1 C2 C3 SEL OS C P ULS E MODE /P T HKS GND RXOUT GRX RXIN I RE F V CC R1 R2 R3 R4 MU/MFI V DD GDTMF MIC+ MIC- GTX REG LN ILINE LED S T3917A/B 123 456 789 * 0# FLASH TONE/P ULSE P AUSE LND S ECRET Col Row 3.58MHz 100k Ω P ulse Tone SW2 SW1 RGRX 100pF 10 F Re 3.9k Ω + 100 F + 620 Ω 100nF RDTMF CDTMF 470nF RGTX 100pF 4.7 F + LED 130k Ω 3.9k Ω 390 Ω 20 Ω 390 Ω 470k Ω 1.2V Imic Zmic = 1.2 Imic Figure 8 : Test 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 C1 C2 C3 SEL OSC P ULSE MODE /P T HKS GND RXOUT GRX RXIN I REF V CC R1 R2 R3 R4 MU/MFI V DD GDTMF MIC+ MIC- GT X REG LN ILINE LED S T3917A/B 123 456 789 * 0# FLASH TONE/P ULSE P AUSE LND S ECRET Col Row 3.58MHz V DD 100k Ω P ulse Tone SW2 SW1 RGR X 100pF 10 F Re 3.9k Ω + 100 F + 620 Ω 100nF RDTMF CDTMF 470nF 1 F 1 F RGTX 100pF 4.7 F + LED 130k Ω 3.9k Ω 390 Ω 20 Ω 390 Ω 600 Ω 100 F + I LN V LN 470k Ω Vmic GTX = 20 log V LN Vmic Figure 9 : Test ST3917A - ST3917B 12/16 |