データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD413A1 データシート(PDF) 110 Page - STMicroelectronics

部品番号 PSD413A1
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A1 データシート(HTML) 110 Page - STMicroelectronics

Back Button PSD413A1 Datasheet HTML 106Page - STMicroelectronics PSD413A1 Datasheet HTML 107Page - STMicroelectronics PSD413A1 Datasheet HTML 108Page - STMicroelectronics PSD413A1 Datasheet HTML 109Page - STMicroelectronics PSD413A1 Datasheet HTML 110Page - STMicroelectronics PSD413A1 Datasheet HTML 111Page - STMicroelectronics PSD413A1 Datasheet HTML 112Page - STMicroelectronics PSD413A1 Datasheet HTML 113Page - STMicroelectronics PSD413A1 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 123 page
background image
PSD4XX Family
107
Family: Plastic Leaded Chip Carrier
Millimeters
Inches
Symbol
Min
Max
Notes
Min
Max
Notes
A
4.19
4.57
0.165
0.180
A1
2.41
3.00
0.095
0.118
A2
3.71
3.91
0.146
0.154
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
C
0.196
0.262
0.0077
0.0083
D
25.02
25.27
0.985
0.995
D1
24.13
24.23
0.950
0.954
D2
22.61
23.62
0.890
0.930
D3
20.32
Reference
0.800
Reference
E
25.02
25.27
0.985
0.995
E1
24.13
24.23
0.950
0.954
E2
22.61
23.62
0.890
0.930
E3
20.32
Reference
0.800
Reference
e1
1.27
Reference
0.050
Reference
N68
68
030195R6
Drawing J5 – 68-Pin Plastic Leaded Chip Carrier (PLDCC) (Package Type J)
B1
A1 A2
E1
E
A
D
D1
68
1
2
3
E3
E2
e1
B
D3
D2
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More