| データシートサーチシステム |
|
ST52T430 データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52T430 データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 88 page ![]() ST52T430/E430 61/88 Figure 10.12 Configuration Register 12 Table 10.8 Config. Register 12 Description Bit Name Value Description 0PA1 0 Pin PA1/T0OUT equal to PORT A Digital I/O 1 Pin PA1/ T0OUT equal to T0OUT 1PA2 0 Pin PA2/ T1OUT equal to PORT A Digital I/O 1 Pin PA2/ T1OUT equal to T1OUT 2PA3 0 Pin PA3/ T2OUT equal to PORT A Digital I/O 1 Pin PA3/ T2OUT equal to T2OUT 3PASZ 0 PORT A bits = 7 1 PORT A bits = 8 4 - - - not used 5 - - - not used 6 - - - not used 7 - - - not used D7 D6 D5 D4 D3 D2 D1 D0 PA1: Pin PA1/T0OUT setting not used REG_CONF 12 DIGITAL PORT PA2: Pin PA2/T1OUT setting PA3: Pin PA3/T2OUT setting PASZ: PORT A size |