データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6370 データシート(PDF) 12 Page - STMicroelectronics

部品番号 L6370
部品情報  2.5A high-side driver industrial intelligent power switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370 データシート(HTML) 12 Page - STMicroelectronics

Back Button L6370 Datasheet HTML 8Page - STMicroelectronics L6370 Datasheet HTML 9Page - STMicroelectronics L6370 Datasheet HTML 10Page - STMicroelectronics L6370 Datasheet HTML 11Page - STMicroelectronics L6370 Datasheet HTML 12Page - STMicroelectronics L6370 Datasheet HTML 13Page - STMicroelectronics L6370 Datasheet HTML 14Page - STMicroelectronics L6370 Datasheet HTML 15Page - STMicroelectronics L6370 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Circuit description
L6370
12/19
The hysteresis (see Figure 4) ensures a non intermittent behavior at low supply voltage with
a superimposed ripple. The Under Voltage status is signalled via the DIAG1 and DIAG2
outputs (see the Diagnostic Truth Table 7) .
3.7
Demagnetization of inductive loads
An internal zener diode, limiting the voltage across the Power MOS to between 50 and 60V
(Vcl), provides safe and fast demagnetization of inductive loads without external clamping
devices. The maximum energy that can be absorbed from an inductive load is specified as
1J (at Tj = 85°C) (see Figure 4).
Figure 6.
L6370 short circuit operation waveforms
Figure 7.
Inductive load equivalent circuit
50V
L
+VS
IS
VS
RL
IO
OUTPUT
D95IN215A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com