データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST52T430K1 データシート(PDF) 40 Page - STMicroelectronics

部品番号 ST52T430K1
部品情報  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K1 データシート(HTML) 40 Page - STMicroelectronics

Back Button ST52T430K1 Datasheet HTML 36Page - STMicroelectronics ST52T430K1 Datasheet HTML 37Page - STMicroelectronics ST52T430K1 Datasheet HTML 38Page - STMicroelectronics ST52T430K1 Datasheet HTML 39Page - STMicroelectronics ST52T430K1 Datasheet HTML 40Page - STMicroelectronics ST52T430K1 Datasheet HTML 41Page - STMicroelectronics ST52T430K1 Datasheet HTML 42Page - STMicroelectronics ST52T430K1 Datasheet HTML 43Page - STMicroelectronics ST52T430K1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
ST52T430/E430
40/88
Figure 6.3 Configuration Register 12
Figure 6.4 Configuration Register 16
D7 D6 D5 D4 D3 D2 D1 D0
PA1T: Pin PA1/T0OUT setting
not used
REG_CONF 12
DIGITAL PORT
PA2T: Pin PA2/T1OUT setting
PA3T: Pin PA3/T2OUT setting
PA78: PORT A size
D7 D6 D5 D4 D3 D2 D1 D0
P6SL: Pin T0OUT/PC1setting
not used
REG_CONF 16
DIGITAL PORT
P7SL: Pin T1OUT/PC2 setting
P8SL: Pin T2OUT/PC3 setting
P9SL: Pin Tx/PC4 setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88