データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST52F510GMB6 データシート(PDF) 91 Page - STMicroelectronics

部品番号 ST52F510GMB6
部品情報  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510GMB6 データシート(HTML) 91 Page - STMicroelectronics

Back Button ST52F510GMB6 Datasheet HTML 87Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 88Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 89Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 90Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 91Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 92Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 93Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 94Page - STMicroelectronics ST52F510GMB6 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 106 page
background image
ST52F510/F513/F514
91/106
Figure 14.4 Event Flags and Interrupt Generation
Note: The I2C interrupt events are connected to the same interrupt vector. They generate an interrupt if
the corresponding Enable Control Bit (ITE) is set and the Interrupt Mask bit (MSKI2C) in the INT_MASK
Configuration Register is unmasked (set to 1, see Interrupts Chapter).
ADD10
BTF
ADSL
SB
AF
STOPF
EVF
INTERRUPT
ITE
*
* EVF can also be set by EV6 or an error from the I2C_SR2 register.
ARLO
BERR
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
10-bit Address Sent Event (Master Mode)
ADD10
ITE
Yes
No
End of Byte Transfer Event
BTF
Yes
No
Address Matched Event (Slave Mode)
ADSEL
Yes
No
Start Bit Generation Event (Master Mode)
SB
Yes
No
Acknowledge Failure Event
AF
Yes
No
Stop Detection Event (Slave Mode)
STOPF
Yes
No
Arbitration Lost Event (Multimaster configuration)
ARLO
Yes
No
Bus Error Event
BERR
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More