| データシートサーチシステム |
|
ST52T430K2 データシート(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52T430K2 データシート(HTML) 62 Page - STMicroelectronics |
|
62 / 88 page ![]() ST52T430/E430 62/88 Figure 10.13 Configuration Register 16 Table 10.9 Config. Register 16 Description Bit Name Value Description 0 PC1 1 Pin T0OUT/PC1 equal to PORT C Digital I/O 0 Pin T0OUT/PC1 equal to T0OUT 1 PC2 1 Pin T1OUT/PC2 equal to PORT C Digital I/O 0 Pin T1OUT/PC2 equal to T1OUT 2 PC3 1 Pin T2OUT/PC3 equal to PORT C Digital I/O 0 Pin T2OUT/PC3 equal to T2OUT 3 PC4 1 Pin Tx/PC4 is configured as Port C Digital I/O 0 Pin Tx/PC4 is configured as SCI output Tx 4-7 - - - not used D7 D6 D5 D4 D3 D2 D1 D0 P C 1: P in T 0 O U T /P C 1setting no t used R E G _CO NF 16 DIG ITA L P O RT PC 2: Pin T1 O U T /P C 2 se tting PC 3: Pin T2 O U T /P C 3 se tting PC 4: Pin Tx/PC 4 se tting |