| データシートサーチシステム |
|
STR91XFAX42 データシート(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR91XFAX42 データシート(HTML) 49 Page - STMicroelectronics |
|
49 / 101 page ![]() STR91xFAx3x, STR91xFAx4x Pin description 49/101 - 26 L1 P8.0 I/O GPIO_8.0, GP Input, HiZ -- GPIO_8.0, GP Output 8b) EMI_D0, 16b) EMI_AD0 - - 28 H3 P8.1 I/O GPIO_8.1, GP Input, HiZ -- GPIO_8.1, GP Output 8b) EMI_D1, 16b) EMI_AD1 - - 30 J2 P8.2 I/O GPIO_8.2, GP Input, HiZ -- GPIO_8.2, GP Output 8b) EMI_D2, 16b) EMI_AD2 - - 32 K2 P8.3 I/O GPIO_8.3, GP Input, HiZ -- GPIO_8.3, GP Output 8b) EMI_D3, 16b) EMI_AD3 - - 34 L3 P8.4 I/O GPIO_8.4, GP Input, HiZ -- GPIO_8.4, GP Output 8b) EMI_D4, 16b) EMI_AD4 - - 36 J4 P8.5 I/O GPIO_8.5, GP Input, HiZ -- GPIO_8.5, GP Output 8b) EMI_D5, 16b) EMI_AD5 - - 38 M2 P8.6 I/O GPIO_8.6, GP Input, HiZ -- GPIO_8.6, GP Output 8b) EMI_D6, 16b) EMI_AD6 - - 44 K5 P8.7 I/O GPIO_8.7, GP Input, HiZ -- GPIO_8.7, GP Output 8b) EMI_D7, 16b) EMI_AD7 - - 46 M6 P9.0 I/O GPIO_9.0, GP Input, HiZ -- GPIO_9.0, GP Output 8b) EMI_A8 16b) EMI_AD8 - - 47 M7 P9.1 I/O GPIO_9.1, GP Input, HiZ -- GPIO_9.1, GP Output 8b) EMI_A9, 16b) EMI_AD9 - - 50 K6 P9.2 I/O GPIO_9.2, GP Input, HiZ -- GPIO_9.2, GP Output 8b) EMI_A10, 16b)EMI_AD10 - - 51 J6 P9.3 I/O GPIO_9.3, GP Input, HiZ -- GPIO_9.3, GP Output 8b) EMI_A11, 16b)EMI_AD11 - - 52 H6 P9.4 I/O GPIO_9.4, GP Input, HiZ -- GPIO_9.4, GP Output 8b) EMI_A12, 16b)EMI_AD12 - - 58 L8 P9.5 I/O GPIO_9.5, GP Input, HiZ -- GPIO_9.5, GP Output 8b) EMI_A13, 16b)EMI_AD13 - - 62 M9 P9.6 I/O GPIO_9.6, GP Input, HiZ -- GPIO_9.6, GP Output 8b) EMI_A14, 16b)EMI_AD14 - - 64 K9 P9.7 I/O GPIO_9.7, GP Input, HiZ -- GPIO_9.7, GP Output 8b) EMI_A15, 16b)EMI_AD15 - -21 G4 EMI_BW R _WRLn O EMI byte write strobe (8 bit mode) or low byte write strobe (16 bit mode) Can also be configured as EMI_LBn in BGA package N/A Table 8. Device pin description (continued) Pkg Pin Name Default Pin Function Default Input Function Alternate functions Alternate Input 1 Alternate Output 1 Alternate Output 2 Alternate Output 3 |